64 all specifcations are subject to change without notice. qualifcation certifcation ce, fcc class a power requirement power input dc 10 ~ 30v input (w/ 3-pin terminal block) power consumption 60w (max.) storage type 1 x 2.5 drive bay for sata interface hdd/ssd, supporting 300mb/s hdd transfer rate 1 x cfast socket mechanical construction aluminum alloy mounting wall-mount/din rail mounting weight max. 2.92 kg (6.42 lb) dimensions (w x d x h) epc-2020: 164 x 192 x 120 mm (6.46 x 7.56 x 4.72 ) EPC-2030/ epc-2032: 164 x 192 x 140 mm (6.46 x 7.56 x 5.51 ) os support windows xp embedded / windows xp professional / windows embedded 7 professional / windows embedded 7 standard ordering information epc-2020 epc-2000 with 1 x pcie x1 slot & 1 x pci slot EPC-2030 epc-2000 with 2 x pcie x1 slots & 1 x pci slot epc-2032 epc-2000 with 1 x pcie x1 slot & 2 x pci slots epc-2020/2030/2032 ? fanless, cable-less and modularized design ? wide range dc power input (10 ~ 30v) ? rich onboard i/o and expansion slots (max. 2 x pcie x1 slots, max. 2 x pci slots) ? rs-485 auto-fow control supported ? easy installation/maintenance ? intel? ssd compatible system cpu soldered onboard intel ? atom? d525 1.8ghz processor memory soldered onboard 2gb ddr3 sdram chipset intel ? ich8m graphics integrated with intel ? gma 3150 lan chipset 2 x intel ? 82574l gbe controllers watchdog timer 1~255 levels reset i/o serial port 4 x db-9 male connectors (com1~2: rs-232, com3~4: rs-232/422/485 selectable) usb port 4 x usb type a connectors for usb 2.0 ports lan 2 x rj-45 gbe ports video port 1 x db-15 female connector for analog rgb 1 x db-26 male connector for dual channels 24-bit lvds port audio mic-in/line-out with realtek alc886 hd audio codec kb/ms ps/2 interface keyboard/ mouse via y-cable expansion bus 1 x pcie x1 slot, 1 x pci slot for epc-2020 2 x pcie x1 slots, 1 x pci slot for EPC-2030 1 x pcie x1 slot, 2 x pci slots for epc-2032 environmental operating temp. -20 ~ 60c (-4 ~ 140of), ambient with air fow storage temp. -40 ~ 85c (-40 ~ 185f) operating humidity 10 ~ 95% @ 60c (non-condensing) vibration 5~500hz, 3grms random (w/ ssd) shock operating 40g, 11ms non-operating 60g (with cfast/ ssd) EPC-2030/ epc-2032 ? fanless, cable-less design epc-2020 programmable embedded controller with intel? atom? d525 platform features
65 all specifcations are subject to change without notice. dimensions epc-2000 series 164.00 192.00 190.00 180.00 100.00 80.00 6.50 #6-32 nut (x4) unit: mm (a) dimensions model (a) 120mm 140mm epc-2020 EPC-2030 epc-2032 fast , tool-free installation cfast & hdd thumbscrew design for easy, tool-free installation easily remove top cover by hand 2.5" hard disk drive cfast card installation
66 all specifcations are subject to change without notice. epc-2020/2030/2032 programmable embedded controller with intel? atom? d525 platform *ctos means confgure-to-order service. standard accessories wmk-2000 wall-mount kit for epc-2000 series optional accessories pac-p065w 19v/3.4a 65w ac/dc adapter kit drk-2000 din rail mounting kit for epc-2000 series tml-96 96-pin din rail mountable screw terminal tml-37 37-pin din rail mountable screw terminal cbl-96-1.5p 1.5m length shielding cable with 96-pin half-pitch connector at each end cbl-37-1.5p 1.5m length shielding cable with 37-pin d-type (m) connector at each end optional confguration (ctos* kit) ssd-25040 intel ? 2.5 40gb sataii ssd kit dio-16/16l(pci)h 16-ch input / 16-ch output isolated digital i/o board for pci dio-32/32l(pci)h 32-ch input / 32-ch output isolated digital i/o board for pci comm-2pd(pci)h 2-ch isolated rs-422a/485 communication i/o board with isolation for pci
|